Part Number Hot Search : 
54HC1 AD7302 AN3122 BZX79 91C94 LMEAPJR5 HG106C 56HFA
Product Description
Full Text Search
 

To Download AM-180PIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM-180 / AMC-180
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
Features
* +14 dBm Typical 1 dB Compression * 5 dB Typical Noise Figure * 1.4:1 Typical VSWR Rev. V4
TO-8-1
Description
M/A-COM's AM-180 is a feedback amplifier with high intercept and compression points. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise should be minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-180 is ideally suited for use where a high intercept, high reliability amplifier is required.
Ordering Information
Part Number
AM-180 PIN AMC-180 SMA
Package
TO-8-1 Connectorized
Outline Drawing: SMA Connectorized * Absolute Maximum Ratings 1
Parameter
Max. Input Power Vbias Operating Temperature Storage Temperature
Absolute Maximum
+10 dBm +15.75 V -55C to +85C -65C to +125C
1. Operation of this device above any one of these parameters may cause permanent damage.
Dimensions are inches (millimeters) 0.015 (0.38) unless otherwise specified.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AM-180 / AMC-180
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
Electrical Specifications: 2,3 TA = -55C to +85C Case Temperature
Parameter
Gain
Rev. V4
Test Conditions
@+25oC
Frequency
1000 MHz
Units
dB
Min.
8.7
Typ.
9.7
Max.
10.7
Frequency Response Gain Variation with Temperature 1 dB Compression Noise Figure Reverse Transmission VSWR Output IP2 Output IP3 Vbias Ibias Power Dissipation
-- -- Output Power -- -- -- Two-Tone inputs up to 0 dBm Two-Tone inputs up to 0 dBm
10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz 10 - 2000 MHz -- -- --
dB dB dBm dB dB Ratio dBm dBm VDC mA mW
-- -- +13 -- -- -- +39 +25 +14.5 -- --
-- -- -- -- -14 -- -- -- +15.0 45 680
1.0 1.0 -- 7.0 -12 2:1 -- -- +15.5 50 --
-- Vbias = +15.0 VDC @ +15 V Bias
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance. 3. Heat Sinking: Operation at case temperature above 95C is not recommended. Heat sinking adequate to dissipate 800 mW must be provided in use.
S-Parameter Data
Frequency (MHz)
10
S11 MAG/ANG
0.20/-156.1
S21 MAG/ANG
2.97/-173.1
S12 MAG/ANG
0.17/8.6
S22 MAG/ANG
0.24/166.9
20 40 100 200 500 1000 1500 2000 2
0.21/-169.7 0.22/-174.2 0.23/174.3 0.18/170.9 0.13/149.3 0.07/-140.6 0.18/-133.3 0.24/168.2
2.98/-177.4 3.01/179.0 3.02/171.6 3.01/162.0 3.05/134.3 3.12/86.4 3.05/32.4 3.01/-23.7
0.17/4.4 0.18/1.7 0.18/-1.4 0.18/-4.5 0.19/-14.1 0.20/-35.9 0.18/-59.6 0.17/-76.2
0.23/170.3 0.22/171.1 0.21/166.1 0.20/154.5 0.18/113.3 0.17/5.5 0.20/-93.3 0.26/-147.3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
AM-180 / AMC-180
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
Typical Performance Curves
Rev. V4
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of AM-180PIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X